PART |
Description |
Maker |
5HFP630-R 5HFP12-R 5HFP125-R 5HFP500-R 5HF160-R 5H |
Quick-acting Fuse Series(High-Breaking Capacity) Fuses, RoHS 800mA 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 0.8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 8A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 315mA 250V F IEC CERM LEAD VERY FAST BLOW ELECTRIC FUSE, 0.315A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, RoHS 3.15A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 4A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 6.3A 250V F IEC CERM LEAD Fuses, RoHS 100mA 250V F IEC CERM LEAD Fuses, RoHS 1A 250V F IEC CERM LEAD
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
5TT125-R 5TTP1.6-R |
Fuses, RoHS 125mA 250V SB UL GLASS 5X20 SLOW BLOW ELECTRIC FUSE, 0.125A, 250VAC, 100A (IR), INLINE/HOLDER Fuses, RoHS 1.6A 250V SB UL GLAS LEAD SLOW BLOW ELECTRIC FUSE, 1.6A, 250VAC, 100A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
5SFP8-R 5SF8-R 5SF10-R 5SF1.6-R 5SFP630-R BELFUSEI |
Fuses, RoHS 8A 250V F IEC GLASS LEAD FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 8A 250V F IEC GLASS 5X20 FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 10A 250V F IEC GLASS 5X20 FAST BLOW ELECTRIC FUSE, 10A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 1.6A 250V F IEC GLASS 5X20 FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 630mA 250V F IEC GLASS LEAD
|
Bel Fuse, Inc. BEL FUSE INC
|
5MT1 5MTP1.6-R 5MT200-R 5MTP3.5-R |
Fuses, RoHS 3.5A 125V M UL GLASS LEAD Fuses, 1A 250V M UL GLASS 5X20 Fuses, RoHS 1.6A 250V M UL GLASS LEAD MEDIUM BLOW ELECTRIC FUSE, 1.6A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 200mA 250V M UL GLASS 5X20 MEDIUM BLOW ELECTRIC FUSE, 0.2A, 125VAC, 10000A (IR), INLINE/HOLDER
|
BEL FUSE INC Bel Fuse, Inc.
|
5HT1.25 |
Fuses, 1.25A 250V T IEC CERM 5X20
|
BEL FUSE INC
|
3AB3-R 3ABP1.6-R 3AB375-R |
Fuses, RoHS 3A 250V CERAMIC FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 100A (IR), INLINE/HOLDER Fuses, RoHS 1.6A 250V CERAMIC LEAD FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 100A (IR), THROUGH HOLE Fuses, RoHS 375mA 250V CERAMIC FAST BLOW ELECTRIC FUSE, 0.375A, 250VAC, 35A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
5VT2 |
Fuses, 2A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 2A, 250VAC, 35A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
1SV232 |
INLET, IEC, SWITCHED; Connector type:IEC; Gender:Plug; Current rating:10A; Voltage rating, AC:250V; Outlets, No. of:1; Termination method:Solder Lug VARIABLE CAPACITANCE DIODE (CATV TUNING)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
215025 215.500XE 0215002.H- 215002.XE 0215002.H-ND |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) Axial Lead and Cartridge Fuses - Designed to IEC Standard Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
Littelfuse, Inc.
|
CMD-3.81-VF |
Standard : UL - IEC 300V - 250V 8A - 7A
|
Eldeco Srl
|
CMD-3.81-V |
Standard : UL - IEC 300V - 250V 8A - 7A
|
Eldeco Srl
|
CFS-3.5-F |
Standard : UL - IEC 300V - 250V 8A - 13.5A
|
Eldeco Srl
|
|